Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMB6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST52F513FMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMB6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST52F513FMB6 Datasheet HTML 98Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 99Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 100Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 101Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 102Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 103Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 104Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 105Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
ST52F510/F513/F514
104/106
Bit 7: SPIF Serial Peripheral data transfer flag.
(read only)
This bit is set by hardware when a transfer
has
been
completed.
An
interrupt
is
generated if SPIE=1 in the SPI_CR register.
It is cleared by a software sequence (an
access to the SPI_STATUS_CR register
followed by a read or write to the SPI_IN/
SPI_OUT registers).
0: Data transfer is in progress or has been
approved by a clearing sequence.
1: Data transfer between the device and an
external device has been completed.
Note: While the SPIF bit is set, all writes to the
SPI_OUT register are inhibited.
Bit 6: WCOL Write Collision status (read only).
This bit is set by hardware when a write to the
SPI_OUT register is done during a transmit
sequence. It is cleared by a software
sequence (see Figure 15.5).
0: No write collision occurred
1: A write collision has been detected
Bit 5: OR SPI overrun error (read only).
This bit is set by hardware when the byte
currently being received in the shift register is
ready to be transferred into the SPI_IN
register while SPIF = 1 (See Section 15.4.6
Overrun Condition). It is cleared by a
software
sequence
(read
of
the
SPI_STATUS_CR register followed by a
read in SPI_IN or write of the SPI_OUT
register).
0: No overrun error.
1: Overrun error detected.
Bit 4: MODF Mode Fault flag (read only).
This bit is set by hardware when the SS pin is
pulled low in master mode (see Section
15.4.5 Master Mode Fault). An SPI interrupt
can be generated if SPIE=1 in the SPI_CR
register. This bit is cleared by a software
sequence
(An
access
to
the
SPI_STATUS_CR register while MODF=1
followed by a write to the SPI_CR register).
0: No master mode fault detected
1: A fault in master mode has been detected
Bit 3: Not used.
Bit 2: SOD SPI output disable
This bit is set and cleared by software. When
set, it disables the alternate function of the
SPI output (MOSI in master mode / MISO in
slave mode)
0: SPI output not disable
1: SPI output disable.
Bit 1: SSM SS mode selection
This bit is set and cleared by software. When
set, it disables the alternate function of the
SPI Slave Select pin and use the SSI bit
value instead of.
0: SS pin used by the SPI.
1: SS pin not used (I/O mode), SSI bit value
is used.
Bit 0: SSI SS internal mode
This bit is set and cleared by software. It
replaces pin SS of the SPI when bit SSM is
set to 1. SSI bit is active low slave select
signal when SSM is set to 1.
0 : Slave selected
1 : Slave not selected.
Remark: It is recommended to write the SPI_CR
register after the SPI_STATUS_CR register when
working in master mode, vice versa when working
in slave mode.
15.5.2 SPI Input Register.
SPI Data Input Register (SPI_IN)
Input Register 5 (05h) Read only
Reset Value: 0000 0000 (00h)
bit 7-0: SPIDI7-SPIDI0 Received data.
The SPI_IN register is used to receive data on the
serial bus.
Note: During the last clock cycle the SPIF bit is set,
a copy of the data byte received in the shift register
is moved to a buffer. When the user reads the
serial peripheral data I/O register, the buffer is
actually being read.
70
SPIDI7
SPIDI6
SPIDI5
SPIDI4
SPIDI3
SPIDI2
SPIDI1
SPIDI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com