Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMB6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST52F513FMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMB6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST52F513FMB6 Datasheet HTML 15Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 16Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 17Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 18Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 19Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 20Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 21Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 22Page - STMicroelectronics ST52F513FMB6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
ST52F510/F513/F514
19/106
Each interrupt level has its own set of flags, which
is saved in the Flag Stack during interrupt
servicing. These flags are restored from the Flag
Stack automatically when a RETI instruction is
executed.
If the ICU was in normal mode before an interrupt,
after the RETI instruction is executed, the normal
flags are restored.
Note: A subroutine CALL is a normal mode
execution. For this reason a RET instruction,
consequent to a CALL instruction, doesn’t affect
the normal mode set of flags.
Flags are not cleared during context switching and
remain in the state they were in at the exit of the
last interrupt routine switching.
The Carry flag is set when an overflow occurs
during arithmetic operations, otherwise it
is
cleared. The Sign flag is set when an underflow
occurs during arithmetic operations, otherwise it is
cleared.
The flags, related to the current context, can be
checked by reading the FLAGS Input Register 38
(026h).
Figure 2.3 Multiplication
2.2 Arithmetic Logic Unit
The 8-bit Arithmetic Logic Unit (ALU) performs
arithmetic calculations and logic instructions such
as: sum, subtraction, bitwise AND, OR, XOR, bit
set and reset, bit test and branch, right/left shift and
rotate (see the Chapter 9 Instruction Set for further
details).
In addition, the ALU of ST52F510/F513/F514 can
perform multiplication (MULT) and division (DIV).
Multiplication is performed by using 8 bit operands
storing the result in 2 registers (16 bit values); the
division instruction addresses the MSB of the
dividend (the LSB is stored in the next address):
the result and remainder are stored in these source
addresses (see Figure 2.3 and Figure 2.4).
In order to manage signed type values, the ALU
also performs addition and subtraction with offset
(ADDO
and
SUBO).
These
instructions
respectively subtract and add 128 to the overall
result, in order to manage values logically in the
range between -128,127.
Figure 2.4 Division
RAM
000h
001h
002h
i
j+1
j-1
j
0FFh
0FDh
0FEh
REG. j
REG. i
LSB
MSB
X
16 Bit
RAM
i
j+1
j-1
j
REG. j
REG. j+1
REMAINDER
QUOTIENT
REG. i
:
i-1
i+1
000h
001h
002h
0FFh
0FDh
0FEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com