Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5R33M Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST5R33M
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R33M Datasheet(HTML) 2 Page - STMicroelectronics

  ST5R33M Datasheet HTML 1Page - STMicroelectronics ST5R33M Datasheet HTML 2Page - STMicroelectronics ST5R33M Datasheet HTML 3Page - STMicroelectronics ST5R33M Datasheet HTML 4Page - STMicroelectronics ST5R33M Datasheet HTML 5Page - STMicroelectronics ST5R33M Datasheet HTML 6Page - STMicroelectronics ST5R33M Datasheet HTML 7Page - STMicroelectronics ST5R33M Datasheet HTML 8Page - STMicroelectronics ST5R33M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ST5R00 SERIES
2/15
Table 1: Absolute Maximum Ratings
(*) Reduced by 1.7 mW for increasing in TA of 1°C over 25°C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 2: Thermal Data
Figure 2: Connection Diagram (top view)
Table 3: Order Codes
Symbol
Parameter
Value
Unit
VOUT
Output Voltage
5.5
V
VIN
Input Voltage
5.5
V
VLX
LX Pin Voltage
5.5
V
ILX
LX Pin Output Current
Internally limited
PTOT
Power Dissipation at 25°C
170 (*)
mW
TSTG
Storage Temperature Range
-55 to 125
°C
TOP
Operating Junction Temperature Range
-25 to 85
°C
Symbol
Parameter
SOT23-5L
Unit
Rthj-case
Thermal Resistance Junction-case
63
°C/W
SOT23-5L
OUTPUT VOLTAGES
ST5R25MTR
2.5 V
ST5R28MTR
2.8 V
ST5R30MTR
3.0 V
ST5R33MTR
3.3 V
ST5R50MTR
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com