Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5R28U Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST5R28U
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5R28U Datasheet(HTML) 4 Page - STMicroelectronics

  ST5R28U Datasheet HTML 1Page - STMicroelectronics ST5R28U Datasheet HTML 2Page - STMicroelectronics ST5R28U Datasheet HTML 3Page - STMicroelectronics ST5R28U Datasheet HTML 4Page - STMicroelectronics ST5R28U Datasheet HTML 5Page - STMicroelectronics ST5R28U Datasheet HTML 6Page - STMicroelectronics ST5R28U Datasheet HTML 7Page - STMicroelectronics ST5R28U Datasheet HTML 8Page - STMicroelectronics ST5R28U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ST5R00 SERIES
4/15
Figure 5: Typical Demoboard
Note: drawing not in scale.
Table 4: Electrical Characteristics For ST5R25
(VIN = 1.5V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless
otherwise notes, refer to the typical operating circuit.)
(1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode.
Table 5: Electrical Characteristics For ST5R28
(VIN = 1.7V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless
otherwise notes, refer to the typical operating circuit.)
(1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
2.375
2.5
2.625
V
VSTART-UP Start-up Voltage (VIN-VF) (1)
IOUT = 1mA, VIN = rising from 0 to 2V
0.8
1.2
V
VHOLD
Hold-on Voltage
IOUT = 1mA, VIN = falling from 2 to 0V
0.6
V
ISUPPLY
Supply Current
To be measured at VIN, no load
16
µA
RLX(DSON) Internal Switch RDSON
ILX = 150mA
850
m
Ω
ILX(leak)
Internal Leakage Current
VLX = 4V, forced VOUT = 3V
0.5
µA
fOSC
Maximum oscillator Frequency
150
KHz
Dty
Oscillator Duty Cycle
to be measure on LX pin
77
%
ν
Efficiency
IOUT = 50mA
82
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
2.66
2.8
2.94
V
VSTART-UP Start-up Voltage (VIN-VF) (1)
IOUT = 1mA, VIN = rising from 0 to 2V
0.8
1.2
V
VHOLD
Hold-on Voltage
IOUT = 1mA, VIN = falling from 2 to 0V
0.6
V
ISUPPLY
Supply Current
To be measured at VIN, no load
16
µA
RLX(DSON) Internal Switch RDSON
ILX = 150mA
850
m
Ω
ILX(leak)
Internal Leakage Current
VLX = 4V, forced VOUT = 3.3V
0.5
µA
fOSC
Maximum oscillator Frequency
150
KHz
Dty
Oscillator Duty Cycle
to be measure on LX pin
77
%
ν
Efficiency
IOUT = 50mA
82
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com