Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T01C Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST62T01C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T01C Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST62T01C Datasheet HTML 92Page - STMicroelectronics ST62T01C Datasheet HTML 93Page - STMicroelectronics ST62T01C Datasheet HTML 94Page - STMicroelectronics ST62T01C Datasheet HTML 95Page - STMicroelectronics ST62T01C Datasheet HTML 96Page - STMicroelectronics ST62T01C Datasheet HTML 97Page - STMicroelectronics ST62T01C Datasheet HTML 98Page - STMicroelectronics ST62T01C Datasheet HTML 99Page - STMicroelectronics ST62T01C Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
ST6200C/ST6201C/ST6203C
99/100
14 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
15 TO GET MORE INFORMATION
To get the latest information on this product please use the STMicroelectronics web server.
ª http://mcu.st.com/
Revision
Main Changes
Date
3.1
Pinout: Pin 10, TEST function is changed to non-user info. See Figure 2.
Modification of Caution in Section 3.1.6.1.
Addition of power consumption information in Section 3.3.
Addition of Note in Section 7.2.4.
Modification of text (READ-MODIFY-WRITE instructions) in Section 7.2.5.
Modification of Section 8.2: 8-Bit Timer. Ext. Timer pin is not available.
Modification of bit names in ADCR and ADR registers in Section 8.3.
Modification of Electrical Characteristics in Section 10.2.1 (Add. of VOUT) and in Section
10.5.2 (Del. of tw and tr).
15 Jan 2001
3.2
Removed “TEST” in Figure 1.
Updated Table 2 on page 11: CPU added for 0C8h and ROM added for 0C9h.
Changed bits 5:0 to bits 7:2 for T[5:0] bits (WDGR register on Section 8.1.7 on page 44)
Changed 4.5V
≤V
DD≤5.5V to 4.5V≤VDD≤6.0V (Section 10 on page 58).
Added one note on RC oscillator (Section 10.5.4 on page 70).
Changed Figure 46 title on page 71 (vs VDD instead of vs RNET).
Updated Electrical Sensitivities table on page 75.
Changed Section 11.6.1 on page 92.
Changed option list (page 94).
Updated Section 12 on page 95 and Section 13 on page 97.
July 2001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com