Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFAX32 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STR91XFAX32
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX32 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STR91XFAX32 Datasheet HTML 32Page - STMicroelectronics STR91XFAX32 Datasheet HTML 33Page - STMicroelectronics STR91XFAX32 Datasheet HTML 34Page - STMicroelectronics STR91XFAX32 Datasheet HTML 35Page - STMicroelectronics STR91XFAX32 Datasheet HTML 36Page - STMicroelectronics STR91XFAX32 Datasheet HTML 37Page - STMicroelectronics STR91XFAX32 Datasheet HTML 38Page - STMicroelectronics STR91XFAX32 Datasheet HTML 39Page - STMicroelectronics STR91XFAX32 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
Functional overview
STR91xFAx3x, STR91xFAx4x
36/101
Each of the four timer units have the following features:
●
16-bit free running timer/counter
●
Internal timer/counter clock source from a programmable 8-bit prescale of the CCU
PCLK clock output
●
Optional external timer/counter clock source from pin P2.4 shared by TIM0/TIM1, and
pin P2.5 shared by TIM2/TIM3. Frequency of these external clocks must be at least 4
times less the frequency of the internal CCU PCLK clock output.
●
Two dedicated 16-bit Input Capture registers for measuring up to two input signals.
Input Capture has programmable selection of input signal edge detection
●
Two dedicated 16-bit Output Compare registers for generation up to two output signals
●
PWM output generation with 16-bit resolution of both pulse width and frequency
●
One pulse generation in response to an external event
●
A dedicated interrupt to the CPU with five interrupt flags
●
The OCF1 flag (Output Compare 1) from the timer can be configured to trigger an ADC
conversion
3.25.1
DMA
A programmable DMA channel may be assigned by CPU firmware to service each
timer/counter module TIM0 and TIM1 for fast and direct single transfers.
3.26
Three-phase induction motor controller (IMC)
The STR91xFA provides an integrated controller for variable speed motor control
applications.
Six PWM outputs are generated on high current drive pins P6.0 to P6.5 for controlling a
three-phase AC induction motor drive circuit assembly. Rotor speed feedback is provided by
capturing a tachometer input signal on pin P6.6, and an asynchronous hardware emergency
stop input is available on pin P6.7 to stop the motor immediately if needed, independently of
firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com