Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5127_0708 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT5127_0708
Description  32-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5127_0708 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5127_0708 Datasheet HTML 5Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 6Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 7Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 8Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 9Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 10Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 11Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 12Page - Catalyst Semiconductor CAT5127_0708 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT5127, CAT5129
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-2127 Rev. C
Characteristics subject to change without notice
PACKAGE OUTLINE DRAWING
MSOP 8-Lead 3.0 x 3.0mm (Z)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC Specification MO-187.
θ
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
DETAIL A
DETAIL A
SYMBOL
MIN
NOM
MAX
A1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.22
0.38
c
0.13
0.23
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e0.65 BSC
L
0.40
0.60
0.80
L1
0.95 REF
L2
0.25 BSC
θ
0º
6º
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com