Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL100A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TQL100A
Description  Topstek Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TQL100A Datasheet(HTML) 1 Page - Topstek Inc.

  TQL100A Datasheet HTML 1Page - Topstek Inc. TQL100A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer TQL100A
- 112 -
www.topstek.com
TQL100A
V080201
7/1/2008
TQL100A
Features
iHighly reliable Closed Loop Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 150 kHz)
iLow power consumption (9 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment eg. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TQL100A
Nominal Input Current
Ipn
A DC
±100
Supply Voltage Range
VCC/VEE
V
±12 --- ±15
Supply Voltage ±5%
VCC/VEE
V
±12
±15
Consumption Current
ICC
mA
15 mA + Is
Measuring Range
Ifs
A DC
±100
±120
±100
±150
Maximum Load Resistance
RMmax
43
15
105
26
Minimum Load Resistance
RMmin
0
0
0
0
Conversion Ratio
KN
1:2000
Secondary Current @ Ipn
Is
mA
50
Secondary Resistance
RMmax
126 @ 25°C, 130 @ 80°C
Offset Current
Ios
mA
Within ±0.3 mA @ Ip=0, Ta=25°C
Overall Accuracy @ Ipn
%
Within ±0.3% of Ipn
Linearity
%
Within ±0.1% of Ipn
Response Time (90%Vhn)
Tr
Psec
2
Psec max. @ d If /dt = Ipn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 150kHz
Thermal Drift of Output
-
mA
Within ±0.5mA
0°C~80°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-20°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
28 g


Similar Part No. - TQL100A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
TQL100A MULTICOMP-TQL100A Datasheet
148Kb / 2P
Current Transducer Hall Effect
06/06/11 V1.1
More results

Similar Description - TQL100A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
Topstek Current Transducer
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com