Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL50A Datasheet(PDF) 2 Page - Topstek Inc.

Part # TQL50A
Description  Topstek Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TQL50A Datasheet(HTML) 2 Page - Topstek Inc.

  TQL50A Datasheet HTML 1Page - Topstek Inc. TQL50A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Topstek Current Transducer TQL50A
- 111 -
www.topstek.com
TQL50A
V080201
7/1/2008
+
_
M
Positive current flow direction
10
Appearance, dimensions and pin identification
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted.
Pin Assignment
Description
+
+12 ~ 15V
-
-12 ~ -15V
M
Measure ( connect RL to 0V Ground )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com