Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW75A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TPW75A
Description  Topstek Current Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TPW75A Datasheet(HTML) 1 Page - Topstek Inc.

  TPW75A Datasheet HTML 1Page - Topstek Inc. TPW75A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TPW25A .. TPW250A
- 96 -
www.topstek.com
TPW
V080622
7/1/2008
TPW 25A~250A
Features
iHighly reliable Hall Effect device
iCompact and light weight. Two sensors in one package
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (24 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TPW
25A
TPW
37.5A
TPW
50A
TPW
75A
TPW
100A
TPW
125A
TPW
150A
TPW
175A
TPW
200A
TPW
250A
Nominal Input Current
Ifn
A DC
25
37.5
50
75
100
125
150
175
200
250
Saturation Current
Ifs
A DC
±75
±112.5
±150
±225
±300
±375
±450
±525
±600
±600
Linear Range
Ifs
A DC
±75
±112.5
±150
±225
±300
±375
±450
±525
±600
±600
Nominal Output Voltage
Vhn
V
4 V±1% @ If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±24 mA nominal, ±30 mA max
Response Time (90%Vhn)
Tr
Psec
10
Psec max. @ d If /dt = Ifn / Psec
Response Performance
-
%
10% Overshoot max.
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
< ±3 mV/°C
< ±2 mV/°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
85 g


Similar Part No. - TPW75A

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPW70R110C WUMC-TPW70R110C Datasheet
772Kb / 8P
700V Super-Junction Power MOSFET
More results

Similar Description - TPW75A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TW25A TOPSTEK-TW25A Datasheet
122Kb / 2P
Topstek Current Transducers
TPH25A TOPSTEK-TPH25A Datasheet
154Kb / 2P
Topstek Current Transducers
TP25A TOPSTEK-TP25A Datasheet
106Kb / 2P
Topstek Current Transducers
TN40A TOPSTEK-TN40A Datasheet
112Kb / 2P
Topstek Current Transducers
TESN50A TOPSTEK-TESN50A Datasheet
103Kb / 2P
Topstek Current Transducers
TES50A TOPSTEK-TES50A Datasheet
105Kb / 2P
Topstek Current Transducers
TEGA40A TOPSTEK-TEGA40A Datasheet
102Kb / 2P
Topstek Current Transducers
TE50A TOPSTEK-TE50A Datasheet
105Kb / 2P
Topstek Current Transducers
TD25A TOPSTEK-TD25A Datasheet
98Kb / 2P
Topstek Current Transducers
logo
DIWELL Electronics Co.,...
TESN35A DIWELL-TESN35A Datasheet
430Kb / 3P
Topstek Current Transducers TESN35A
10/11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com