Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXHS1001 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXHS1001
Description  PLL Synthesizer in SMD package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXHS1001 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXHS1001 Datasheet HTML 1Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AXHS1001
www.axtal.com
Wasemweg 5
page
1(1)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXHS1001
Issue: 01
Date: 2006-07-31
Oscillator type :
PLL Synthesizer in SMD package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1000
2000
MHz
Frequency step size
0.1
1
MHz
Note 1
Reference Input frequency
5
40
MHz
Settling time
20
msec
Note 2
RF output
Signal waveform
SINUS
Amplitude
+5
dBm
RL = 50 Ω
Harmonics
-10
dBc
Spurious
-50
dBc
Phase Noise
-92
dBc/Hz
@ 10 kHz (Note 2)
Supply voltage 1 VS1
4.75
5
5.25
V
Supply voltage 2 VS2
14.25
15
15.75
V
Current consumption (steady state)
50
mA
Operating temperature range
-40
+85
°C
Operable temperature range
-45
+90
°C
Storage temperature range
-55
+95
°C
Enclosure (LxWxH)
38 x 25 x 10
mm
SMD style S103
Weight
5
gram
Packing
bulk
IEC 60286-3
ESD Sensitivity
1500
V
HBM, IEC 61000-4-2
Notes:
1.
The step size can be chosen by programming the device externally
2.
Settling time and phase noise depend on the programmed step size
Ordering Code:
Model (Specification)
Frequency Range [MHz]
AXHS1001
1000-2000


Similar Part No. - AXHS1001

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXHS0001 AXTAL-AXHS0001 Datasheet
44Kb / 1P
PLL Synthesizer in SMD package
2006-07-31
More results

Similar Description - AXHS1001

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
PLL Synthesizer IC
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
PLL Synthesizer IC
logo
Advanced XTAL Products
AXHS0001 AXTAL-AXHS0001 Datasheet
44Kb / 1P
PLL Synthesizer in SMD package
2006-07-31
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0165-R ASB-APL0165-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0385 ASB-APL0385_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0734-R ASB-APL0734-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0840-R ASB-APL0840-R Datasheet
117Kb / 2P
PLL Synthesizer Module
June 2010
APL0855 ASB-APL0855_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com