Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200CM6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST6200CM6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200CM6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST6200CM6 Datasheet HTML 58Page - STMicroelectronics ST6200CM6 Datasheet HTML 59Page - STMicroelectronics ST6200CM6 Datasheet HTML 60Page - STMicroelectronics ST6200CM6 Datasheet HTML 61Page - STMicroelectronics ST6200CM6 Datasheet HTML 62Page - STMicroelectronics ST6200CM6 Datasheet HTML 63Page - STMicroelectronics ST6200CM6 Datasheet HTML 64Page - STMicroelectronics ST6200CM6 Datasheet HTML 65Page - STMicroelectronics ST6200CM6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
62/70
ST62P00C/P01C/P03C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62P00C/P01C & P03C are the Factory Ad-
vanced Service Technique ROM (FASTROM) ver-
sions of ST62T00C,T01C and T03C OTP devices.
They offer the same functionality as OTP devices,
selecting as FASTROM options the options de-
fined in the programmable option byte of the OTP
version.
1.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.2.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly filled OPTION
LIST appended.
1.2.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the ROM con-
tents and options which will be used to produce
the specified MCU. The listing is then returned to
the customer who must thoroughly check, com-
plete, sign and return it to STMicroelectronics. The
signed listing forms a part of the contractual agree-
ment for the production of the specific customer
MCU.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST62P00C,P03C
Table 2. ROM Memory Map for ST62P01C
Table 3. FASTROM version Ordering Information
(*)
Advanced information
Device Address
Descriptio n
0000h-0B9Fh
0BA0h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Device Address
Descriptio n
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
Analog inpu ts
Temperature Range
Package
ST62P00CB1/XXX
ST62P00CB6/XXX
ST62P00CB3/XXX (*)
1036 Bytes
4
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP16
ST62P00CM1/XXX
ST62P00CM6/XXX
ST62P00CM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO16
ST62P01CB1/XXX
ST62P01CB6/XXX
ST62P01CB3/XXX (*)
1836 Bytes
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP16
ST62P01CM1/XXX
ST62P01CM6/XXX
ST62P01CM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO16
ST62P01CN1/XXX
ST62P01CN6/XXX
ST62P01CN3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP16
ST62P03CB1/XXX
ST62P03CB6/XXX
ST62P03CB3/XXX (*)
1036 Bytes
None
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP16
ST62P03CM1/XXX
ST62P03CM6/XXX
ST62P03CM3/XXX (*)
0 to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO16
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com