Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTPB116 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMTPB116
Description  TRISILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPB116 Datasheet(HTML) 5 Page - STMicroelectronics

  SMTPB116 Datasheet HTML 1Page - STMicroelectronics SMTPB116 Datasheet HTML 2Page - STMicroelectronics SMTPB116 Datasheet HTML 3Page - STMicroelectronics SMTPB116 Datasheet HTML 4Page - STMicroelectronics SMTPB116 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA.
SMC
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
E
C
L
E2
E1
D
A1
A2
b
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Packaging : Standardpackaging is in tapeand reel
Weight : 0.25g.
FOOTPRINT DIMENSIONS (in millimeters)
SMC
2.0
4.2
2.0
3.3
ORDER CODE
SM
TPB 100
TRISIL PROTECTION 100 A
VOLTAGE
SURFACE MOUNT
Marking : Logo, date code, type code.
SMTPBxxx
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com