Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXHV4001H Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXHV4001H
Description  VCO - Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXHV4001H Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXHV4001H Datasheet HTML 1Page - Advanced XTAL Products AXHV4001H Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXHV4001H
www.axtal.com
Wasemweg 5
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Package drawing on request
Pin connections
Pin #
Symbol
Function
P1
VC
Control Voltage (EFC)
P2
RF OUT RF Output
P3
VS
Supply Voltage
P4
N.C.
Not Connected
All
others
GND
Ground
Environmental conditions
Test
IEC 60068
Part ...
IEC 60679-1
clause ...
Test conditions
Visual inspection,
dimensions
4.3
Enclosure styles as in IEC 60679-3
or 61837, if applicable
Sealing tests
(if applicable)
2-17
4.6.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
2-58
4.6.3
Test Ta (235
± 5)°C Method 1
Test Tb Method 1A, 5s
Shock*
2-27
4.6.8
Test Ea, 3 x per axes 100g, 6 ms
half-sine pulse
Bump*
2-29
4.6.6
Test Eb, 4000 bumps per Axes, 40g,
6 ms
Free fall*
2-32
4.6.9
Test Ed procedure 1,
2 drops from 1m height
Vibration, sinusoidal* 2-6
4.6.7
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz - 2
kHz, 10g
Rapid change of
temperature
2-14
4.6.5
Test Na, 10 cycles at extremes of
operating temperature range
Dry heat
2-2
4.6.14
Test Ba, 16 h at upper temperature
indicated by climatic category
Damp heat, cyclic*
2-30
4.6.15
Test Db variant 1 severity b),
55°C/95% r.H., 6 cycles
Cold
2-1
4.6.16
Test Aa, 2 h at lower temperature
indicated by climatic category
Climatic sequence*
1-7
4.6.17
Sequence of 4.6.14, 4.6.15 (1
st
cycle), 4.6.16, 4.6.15 (5 cycles)
Damp heat, steady
state*
2-3
4.6.18
Test Ca, 56 days
Endurance tests
- ageing
- extended aging
4.7.1
4.7.2
30 days @ 85°C, OCXO @25°C
1000h, 2000h, 8000h @85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com