Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208CM6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST6208CM6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208CM6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST6208CM6 Datasheet HTML 62Page - STMicroelectronics ST6208CM6 Datasheet HTML 63Page - STMicroelectronics ST6208CM6 Datasheet HTML 64Page - STMicroelectronics ST6208CM6 Datasheet HTML 65Page - STMicroelectronics ST6208CM6 Datasheet HTML 66Page - STMicroelectronics ST6208CM6 Datasheet HTML 67Page - STMicroelectronics ST6208CM6 Datasheet HTML 68Page - STMicroelectronics ST6208CM6 Datasheet HTML 69Page - STMicroelectronics ST6208CM6 Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
69/70
ST6208C/09C ST6210C/20C
ORDERING INFORMATION (Cont’d)
Table 4. ROM version Ordering Information
Sales Type
ROM
Analog inputs
Temperature Range
Package
ST6208CB1/XXX
ST6208CB6/XXX
ST6208CB3/XXX
1036 Bytes
None
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6208CM1/XXX
ST6208CM6/XXX
ST6208CM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO20
ST6209CB1/XXX
ST6209CB6/XXX
ST6209CB3/XXX
1036 Bytes
4
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP2
ST6209CM1/XXX
ST6209CM6/XXX
ST6209CM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO20
ST6210CB1/XXX
ST6210CB6/XXX
ST6210CB3/XXX
1836 Bytes
8
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6210CM1/XXX
ST6210CM6/XXX
ST6210CM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO20
ST6220CB1/XXX
ST6220CB6/XXX
ST6220CB3/XXX
3884 Bytes
8
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PDIP20
ST6220CM1/XXX
ST6220CM6/XXX
ST6220CM3/XXX
0 to +70°C
-40 to + 85°C
-40 to + 125°C
PSO20
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com