Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD411A1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PSD411A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD411A1 Datasheet(HTML) 4 Page - STMicroelectronics

  PSD411A1 Datasheet HTML 1Page - STMicroelectronics PSD411A1 Datasheet HTML 2Page - STMicroelectronics PSD411A1 Datasheet HTML 3Page - STMicroelectronics PSD411A1 Datasheet HTML 4Page - STMicroelectronics PSD411A1 Datasheet HTML 5Page - STMicroelectronics PSD411A1 Datasheet HTML 6Page - STMicroelectronics PSD411A1 Datasheet HTML 7Page - STMicroelectronics PSD411A1 Datasheet HTML 8Page - STMicroelectronics PSD411A1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
1
1.0
Introduction
Programmable Peripheral
PSD4XX Family
Field-Programmable Microcontroller Peripherals
The PSD4XX family is a microcontroller peripheral that integrates high-performance and
user-configurable blocks of EPROM, programmable logic, and SRAM into one part.
The PSD4XX products also provide a powerful microcontroller interface that eliminates the
need for external “glue logic”. The no “glue logic” concept provides a user-programmable
interface to a variety of 8- and 16-bit (multiplexed or non-multiplexed) microcontrollers that
is easy to use. The part’s integration, small form factor, low power consumption, and ease
of use make it the ideal part for interfacing to virtually any microcontroller.
The PSD4XX provides two Zero-power PLDs (ZPLD): a Decode PLD (DPLD) and a
General-purpose PLD (GPLD). A configuration bit (Turbo) can be set by the MCU, and will
automatically place the ZPLDs into Standby Mode if no inputs are changing. The ZPLDs are
designed to consume minimum power using Zero-power CMOS technology that uses only
10 µA (typical) standby current. Unused product terms are automatically disabled, also
reducing power, regardless of the Turbo bit setting.
The main function of the DPLD is to perform address decoding for the internal I/O ports,
EPROM, and SRAM. The address decoding can be based on up to 24 bits of address
inputs, control signals (RD, WR, PSEN, etc.), and internal page logic. The DPLD supports
separate program and data spaces (for 8031 compatible MCUs).
The General-purpose PLD (GPLD) can be used to implement various logic functions
defined by the user, such as:
• State machines
• Loadable counters and shift registers
• Inter-processor mailbox
• External control logic (chip selects, output enables, etc.).
The GPLD has access to up to 59 inputs, 118 product terms, 24 macrocells, and 24 I/O
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com