Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252BB1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6252BB1
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252BB1 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6252BB1 Datasheet HTML 1Page - STMicroelectronics ST6252BB1 Datasheet HTML 2Page - STMicroelectronics ST6252BB1 Datasheet HTML 3Page - STMicroelectronics ST6252BB1 Datasheet HTML 4Page - STMicroelectronics ST6252BB1 Datasheet HTML 5Page - STMicroelectronics ST6252BB1 Datasheet HTML 6Page - STMicroelectronics ST6252BB1 Datasheet HTML 7Page - STMicroelectronics ST6252BB1 Datasheet HTML 8Page - STMicroelectronics ST6252BB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5/68
ST62T52B ST62T62B/E62B
1.2 PIN DESCRIPTIONS
VDD and VSS. Power is supplied to the MCU via
these two pins. VDD is the power connection and
VSS is the ground connection.
OSCin and OSCout. These pins are internally
connected to the on-chip oscillator circuit. A quartz
crystal, a ceramic resonator or an external clock
signal can be connected between these two pins.
The OSCin pin is the input pin, the OSCout pin is
the output pin.
RESET. The active-low RESET pin is used to re-
start the microcontroller.
TEST/V
PP. The TEST must be held at VSS for nor-
mal operation. If TEST pin is connected to a
+12.5V
level
during
the
reset
phase,
the
EPROM/OTP programming Mode is entered.
NMI. The NMI pin provides the capability for asyn-
chronous interruption, by applying an external non
maskable interrupt to the MCU. The NMI input is
falling edge sensitive. It is provided with an on-
chip pullup resistor and Schmitt trigger character-
istics.
PA4-PA5. These 2 lines are organized as one I/O
port (A). Each line may be configured under soft-
ware control as inputs with or without internal pull-
up resistors, interrupt generating inputs with pull-
up resistors, open-drain or push-pull outputs, ana-
log inputs for the A/D converter.
PB0, PB2-PB3, PB6-PB7. These 5 lines are or-
ganized as one I/O port (B). Each line may be con-
figured under software control as inputs with or
without internal pull-up resistors, interrupt gener-
ating inputs with pull-up resistors, open-drain or
push-pull outputs. PB6/ARTIMin and PB7/ARTI-
Mout are either Port B I/O bits or the Input and
Output pins of the ARTimer.
Reset state of PB2-PB3 pins can be defined by
option either with pull-up or high impedance.
PB0, PB2-PB3, PB6-PB7 scan also sink 20mA for
direct LED driving.
PC2-PC3. These 2 lines are organized as one I/O
port (C). Each line may be configured under soft-
ware control as input with or without internal pull-
up resistor, interrupt generating input with pull-up
resistor, analog input for the A/D converter, open-
drain or push-pull output.
Figure 2. ST62T52B, E62B and T62B Pin
Configuration
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
PB0
VPP/TEST
PB2
PB3
VDD
ARTIMin/PB6
PC2/Ain
PC3/Ain
PA5/Ain
PA4/Ain
ARTIMout/PB7
VSS
NMI
RESET
OSCout
OSCin
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com