Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252BB3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6252BB3
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252BB3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6252BB3 Datasheet HTML 4Page - STMicroelectronics ST6252BB3 Datasheet HTML 5Page - STMicroelectronics ST6252BB3 Datasheet HTML 6Page - STMicroelectronics ST6252BB3 Datasheet HTML 7Page - STMicroelectronics ST6252BB3 Datasheet HTML 8Page - STMicroelectronics ST6252BB3 Datasheet HTML 9Page - STMicroelectronics ST6252BB3 Datasheet HTML 10Page - STMicroelectronics ST6252BB3 Datasheet HTML 11Page - STMicroelectronics ST6252BB3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8/68
ST62T52B ST62T62B/E62B
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such
as
constants
and
look-up
tables
in
OTP/EPROM.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by
the processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in OTP/EPROM.
1.3.3.2 Data RAM/EEPROM
In ST62T52B, T62B and ST62E62B devices, the
data space includes 60 bytes of RAM, the accu-
mulator (A), the indirect registers (X), (Y), the
short direct registers (V), (W), the I/O port regis-
ters, the peripheral data and control registers, the
interrupt option register and the Data ROM Win-
dow register (DRW register).
Additional RAM and EEPROM pages can also be
addressed using banks of 64 bytes located be-
tween addresses 00h and 3Fh.
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 1. Additional RAM / EEPROM Banks
Table 2. ST62T52B, T62B and ST62E62B Data
Memory Space
Device
RAM
EEPROM
ST62T52B
1 x 64 bytes
-
ST62T62B
1 x 64 bytes
1 x 64 bytes
RAM / EEPROM banks
000h
03Fh
DATA ROM WINDOW AREA
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
DATA RAM 60 BYTES
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTER
0C2h
RESERVED
0C3h
PORT A DIRECTION REGISTER
0C4h
PORT B DIRECTION REGISTER
0C5h
PORT C DIRECTION REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTION REGISTER
0C8h*
DATA ROM WINDOW REGISTER
0C9h*
RESERVED
0CAh
0CBh
PORT A OPTION REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
PORT C OPTION REGISTER
0CEh
RESERVED
0CFh
A/D DATA REGISTER
0D0h
A/D CONTROL REGISTER
0D1h
TIMER PRESCALER REGISTER
0D2h
TIMER COUNTER REGISTER
0D3h
TIMER STATUS CONTROL REGISTER
0D4h
AR TIMER MODE CONTROL REGISTER
0D5h
AR TIMER STATUS/CONTROL REGISTER1
0D6h
AR TIMER STATUS/CONTROL REGISTER2
0D7h
WATCHDOG REGISTER
0D8h
AR TIMER RELOAD/CAPTURE REGISTER
0D9h
AR TIMER COMPARE REGISTER
0DAh
AR TIMER LOAD REGISTER
0DBh
OSCILLATOR CONTROL REGISTER
0DCh*
MISCELLANEOUS
0DDh
RESERVED
0DEh
0E7h
DATA RAM/EEPROM REGISTER
0E8h*
RESERVED
0E9h
EEPROM CONTROL REGISTER
0EAh
RESERVED
0EBh
0FEh
ACCUMULATOR
0FFh
* WRITE ONLY REGISTER
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com