Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252CB6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST6252CB6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252CB6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST6252CB6 Datasheet HTML 5Page - STMicroelectronics ST6252CB6 Datasheet HTML 6Page - STMicroelectronics ST6252CB6 Datasheet HTML 7Page - STMicroelectronics ST6252CB6 Datasheet HTML 8Page - STMicroelectronics ST6252CB6 Datasheet HTML 9Page - STMicroelectronics ST6252CB6 Datasheet HTML 10Page - STMicroelectronics ST6252CB6 Datasheet HTML 11Page - STMicroelectronics ST6252CB6 Datasheet HTML 12Page - STMicroelectronics ST6252CB6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
9/78
ST62T52C ST62T62C/E62C
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such
as
constants
and
look-up
tables
in
OTP/EPROM.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in OTP/EPROM.
1.3.3.2 Data RAM/EEPROM
In ST62T52C, T62C and ST62E62C devices, the
data space includes 60 bytes of RAM, the accu-
mulator (A), the indirect registers (X), (Y), the short
direct registers (V), (W), the I/O port registers, the
peripheral data and control registers, the interrupt
option register and the Data ROM Window register
(DRW register).
Additional RAM and EEPROM pages can also be
addressed using banks of 64 bytes located be-
tween addresses 00h and 3Fh.
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 1. Additional RAM / EEPROM Banks
Table 2. ST62T52C, T62C and ST62E62C Data
Memory Space
Device
RAM
EEPROM
ST62T52C
1 x 64 bytes
-
ST62T62C
1 x 64 bytes
1 x 64 bytes
RAM / EEPRO M banks
000h
03Fh
DATA ROM WINDOW AREA
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
DATA RAM 60 BYTES
084h
0BFh
PORT A DATA REGISTE R
0C0h
PORT B DATA REGISTE R
0C1h
PORT C DATA REGISTER
0C2h
RESERVED
0C3h
PORT A DIRECTION REGISTER
0C4h
PORT B DIRECTION REGISTER
0C5h
PORT C DIRECTI ON REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTI ON REGISTE R
0C8h*
DATA ROM WINDOW REGISTER
0C9h*
RESERVED
0CAh
0CBh
PORT A OPTION REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
PORT C OPTION REGISTE R
0CEh
RESERVED
0CFh
A/D DATA REGISTER
0D0h
A/D CONTROL REGISTER
0D1h
TIMER PRES CALER REGISTER
0D2h
TIMER COUNTE R REGISTE R
0D3h
TIMER STATUS CONTROL REGISTER
0D4h
AR TIMER MODE CONTROL REGISTER
0D5h
AR TIMER STA TUS/CONT ROL REGISTE R1
0D6h
AR TIMER STA TUS/CONT ROL REGISTE R2
0D7h
WATCHDOG REGIS TER
0D8h
AR TIMER RELOAD/CAPTU RE REGISTE R
0D9h
AR TIMER COMPARE REGIS TER
0DAh
AR TIMER LOAD REGIS TER
0DBh
OSCILLATOR CONTROL REGIS TER
0DCh*
MISCELLANEOUS
0DDh
RESERVED
0DEh
0E7h
DATA RAM/EEP ROM REGIS TER
0E8h*
RESERVED
0E9h
EEPR OM CONTROL REGISTER
0EAh
RESERVED
0EBh
0FEh
ACCUMULATOR
0FFh
* WRITE ONLY REGISTER
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com