Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T55C Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST62T55C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55C Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST62T55C Datasheet HTML 50Page - STMicroelectronics ST62T55C Datasheet HTML 51Page - STMicroelectronics ST62T55C Datasheet HTML 52Page - STMicroelectronics ST62T55C Datasheet HTML 53Page - STMicroelectronics ST62T55C Datasheet HTML 54Page - STMicroelectronics ST62T55C Datasheet HTML 55Page - STMicroelectronics ST62T55C Datasheet HTML 56Page - STMicroelectronics ST62T55C Datasheet HTML 57Page - STMicroelectronics ST62T55C Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54/86
ST62T55C ST62T65C/E65C
4.5 SERIAL PERIPHERAL INTERFACE (SPI)
The SPI peripheral is an optimized synchronous
serial interface with programmable transmission
modes and master/slave capabilities supporting a
wide range of industry standard SPI specifications.
The SPI interface may also implement asynchro-
nous data transfer, in which case processor over-
head is limited to data transfer from or to the shift
register on an interrupt driven basis.
The SPI may be controlled by simple user soft-
ware to perform serial data exchange with low-
cost external memory, or with serially controlled
peripherals to drive displays, motors or relays.
The SPI’s shift register is simultaneously fed by
the Sin pin and feeds the Sout pin, thus transmis-
sion and reception are essentially the same proc-
ess. Suitable setting of the number of bits in the
data frame can allow filtering of unwanted leading
data bits in the incoming data stream.
The SPI comprises an 8-bit Data/Shift Register,
DSR, a Divide register, DIV, a Mode Control Reg-
ister MOD, and a Miscellaneous register, MISCR.
The SPI may be operated either in Master mode or
in Slave mode.
Master mode is defined by the synchronous serial
clock being supplied by the MCU, by suitably pro-
gramming the clock divider (DIV register). Slave
mode is defined by the serial clock being supplied
externally on the SCK pin by the external Master
device.
For maximum versatility the SPI may be pro-
grammed to sample data either on the rising or on
the falling edge of SCK, with or without phase shift
(clock Polarity and Phase selection).
The Sin, Sout and SCK signals are connected as
alternate I/O pin functions.
For serial input operation, Sin must be configured
as an input. For serial output operation, Sout is se-
lected as an output by programming Bit 0 of the
Miscellaneous Register: clearing this bit will set
the pin as a standard I/O line, while setting the bit
will select the Sout function.
An interrupt request may be associated with the
end of a transmission or reception cycle; this is de-
fined by programming the number of bits in the
data frame and by enabling the interrupt. This re-
quest is associated with interrupt vector #2, and
can be masked by programming the SPIE bit of
the MOD register. Since the SPI interrupt is
“ORed” with the port interrupt source, an interrupt
flag bit is available in the DIV register allowing dis-
crimination of the interrupt request.
Figure 30. SPI Block Diagram
SPI
SCK
FILTER
Sin
Sout
CPU
CYCLE
CLOCK
CLOCK
DATA BUS
8
VR001693
SHIFT
REGISTER
FILTER
DIVIDER
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com