Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL-6001R-R08 Datasheet(PDF) 4 Page - Unity Opto Technology

Part # MAL-6001R-R08
Description  The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MAL-6001R-R08 Datasheet(HTML) 4 Page - Unity Opto Technology

  MAL-6001R-R08 Datasheet HTML 1Page - Unity Opto Technology MAL-6001R-R08 Datasheet HTML 2Page - Unity Opto Technology MAL-6001R-R08 Datasheet HTML 3Page - Unity Opto Technology MAL-6001R-R08 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAL-6001X-X08
Optical Characteristics
Typical
Units
625
nm
592
nm
605
nm
525
nm
470
nm
Typical
Units
180
cd/m
2
220
cd/m
2
180
cd/m
2
160
cd/m
2
130
cd/m
2
Note :
1.Test device : SPECTRASCAN (made by POTO RESEARCH PR-650)
2.Test condition : Test 60cm light bar by photometer and record the intensity per 3cm.
Selection Guide
Color
Unit
Red
feet
Yellos
feet
Orange
feet
Green
feet
Blue
feet
Note:
MAL-6001X-X08 ( 08 → eight feet)
4/4
12/27/2002
Yellow
Orange
Green
Blue
Green
Blue
Luminous (L)
Red
Dominant Wavelength (
λ dom)
Red
Yellow
Orange
MAL-6001G-G08
MAL-6001B-B08
Part Number
MAL-6001R-R08
MAL-6001Y-Y08
MAL-6001E-E08
LED Color Tube Color
Unity Opto Technology Co., Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com