Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9802OS Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL9802OS
Description  200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9802OS Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL9802OS Datasheet HTML 1Page - Wall Industries,Inc. PSRL9802OS Datasheet HTML 2Page - Wall Industries,Inc. PSRL9802OS Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9802OS Series
200 Watt Single Output
N + 1 Parallel Redundancy
AC/DC Switching Power Supply
FEATURES
● 2 Year Warranty
● Optional Top Cover
● N+1 Parallel Redundancy
● AC Input Range Auto-Selectable
● Approved to UL CUL TUV CB and CE
● Power Factor Corrected to EN61000-3-2 Class A
● Compact 1U Height & Power Density: 5.16 Watts/cu in
● Providing Peak Power 600W within 500uS Duty Duration
SPECIFICATIONS: PSRL9802OS Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 - 132 / 180 - 264vac, Auto-Selectable.
Input Frequency
47 to 63Hz
Input Current
5 / 2.5A at 115 / 230 VAC.
Inrush Current
Max. 70A @ 230VAC and 35A @ 115VAC; cold start.
Leakage Current
1.5mA @ 240VAC.
Remote On/Off
Designated as REMO on the CN3. Requires a low signal to inhabit output; Hiccough mode.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
200 Watts max with airflow. (See Notes 3 and 4)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
±1%
Transient Response
Output voltage returns to within 1% in less than 2.5ms for a 50% load change, peak does not excess 5%.
Hold-Up Time
20ms min. at 120VAC and 80% of full load.
Overshoot
Turn on-off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 85°C, and automatic recovery.
Over Load Protection
Fold back mode 110-135%; auto-recovery.
Input Circuit Protection
One T5A/250V fuse inserted in primary.
GENERAL SPECIFICATIONS
Switching Frequency
25KHz fixed frequency.
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% min. for other outputs (Measuring at 230VAC and full load).
Withstand Voltage
1500 VAC input line to chassis (10mA cut off current), 3000VAC primary to secondary, and 1500VAC primary
to core. All for 3 sec.
Burn In
Applying 230VAC for input voltage. Applying full load for this product in 45 ±5°C burn-in room for one hour.
PFC
Power factor correction pass EN61000-3-2 Class A (total parallel output power not exceed 200W).
Power Good
Designated as PG on the CN3 will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max. allowable resistance is 0.1 ohm.
6.8(L) x 3.8(W) x 1.5(H) inches.


Similar Part No. - PSRL9802OS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827F18 WALL-PSRL9827F18 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FA WALL-PSRL9827FA Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FB WALL-PSRL9827FB Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
PSRL9827FC WALL-PSRL9827FC Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
More results

Similar Description - PSRL9802OS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
320 Watt Single Output AC/DC Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
logo
ETA-USA
ZWE250-SX-F-W ETA-USA-ZWE250-SX-F-W Datasheet
444Kb / 3P
200 Watt AC/DC POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com