Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9802OSB Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL9802OSB
Description  200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9802OSB Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL9802OSB Datasheet HTML 1Page - Wall Industries,Inc. PSRL9802OSB Datasheet HTML 2Page - Wall Industries,Inc. PSRL9802OSB Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9802OS Series
200 Watt Single Output
N + 1 Parallel Redundancy
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
Frequency 5 ~ 50Hz, acceleration ±7.35 m/(s x s) on X, Y, and Z axis.
Cooling
200W max with 18.7CFM airflow or 150W max under convection cooling.
Fan Drive
12VDC/300mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
600 grams
Dimensions
U-Chassis Type Enclosure: 6.8(L) x 3.8(W) x 1.5(H) inches.
Warranty
2 years
SAFETY
EMC Standards
CISPR 22 / EN55022 class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11, EN55024 CE Marked (LVD).
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1, TUV EN60950-1, and CB certificate available.
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Model
Output Voltage
Range
Preset
Voltage
Convection
With Forced Air
Regulation
Ripple &
Noise
PSRL9802OSA
3 - 4 VDC
3.3 VDC
22A
30A
±1%
±1%
PSRL9802OSB
5 - 6 VDC
5 VDC
22A
40A
±1%
±1%
PSRL9802OSC
12 - 18 VDC
12 VDC
12.5A
16.67A
±1%
±1%
PSRL9802OSD
24 - 30 VDC
24 VDC
6.25A
8.33A
±1%
±1%
PSRL9802OSE
48 -56 VDC
48 VDC
3.13A
4.17A
±1%
±1%
PSRL9802OS36
32 -46 VDC
36 VDC
4.17A
5.56A
±1%
±1%
NOTES
1. All output ranges are covered in agency certifications and the preset voltage will be set as standard models.
If any request is not standard output, then please contact us in advance.
2. 1% minimum load is required to maintain the ripple and regulation.
3. Maximum 200W continuous output, with minimum 18.7 CFM forced ventilation.
4. Maximum 150W continuous output with air convection, except PSRL9802OSA and PSRL9802OSB which
Power is limited to 22A.
5. Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1uF ceramic
and 22uF electrolytic capacitors.
6. All series N+1 parallel redundancy.
7. Optional top cover available. Please call factory for ordering details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com