Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSRL9802OSC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSRL9802OSC
Description  200 Watt Single Output N 1 Parallel Redundancy AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL9802OSC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSRL9802OSC Datasheet HTML 1Page - Wall Industries,Inc. PSRL9802OSC Datasheet HTML 2Page - Wall Industries,Inc. PSRL9802OSC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL9802OS Series
200 Watt Single Output
N + 1 Parallel Redundancy
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
Overall size: 6.8(L) x 3.8(W) x 1.5(H) inches; Weight: 600g. (Optional Top Cover)
I/O CONNECTOR PIN ASSIGNMENT
AC Input Connector (CN1):
Mating Molex Part No. 09-91-0500 or equivalent (5 pin,3 used) PCB is Labeled: L = Line; N = Neutral;
G = Chassis Ground Mating Pins; Molex Engineering Series 2478, 2578, 8818 or Howder Terminal block Part No.
FTB-702-3P (3 pin).
Output Connector (CN2):
Mating Molex Part No. 09-91-1200 (12 pin), or Howder Terminal block Part No. HD-301-4P (4 pin).
Output Pin Assignment:
See Output Pin Connection table above.
Logic signal connector (CN3):
Mating JST XHP-6 or equivalent (CHYAO SHIUNN JS-2001-06).
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Mounting Inserts:
8 Places M4. Maximum Penetration 4mm see outline drawing for location.
OUTPUT PIN CONNECTION
Howder
Molex
Vo+: Pins 1 – 2
Vo+: Pins 1 – 6
Vo-: Pins 3 – 4
Vo-: Pins 7 – 12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com