Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6367 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6367
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6367 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6367 Datasheet HTML 1Page - STMicroelectronics ST6367 Datasheet HTML 2Page - STMicroelectronics ST6367 Datasheet HTML 3Page - STMicroelectronics ST6367 Datasheet HTML 4Page - STMicroelectronics ST6367 Datasheet HTML 5Page - STMicroelectronics ST6367 Datasheet HTML 6Page - STMicroelectronics ST6367 Datasheet HTML 7Page - STMicroelectronics ST6367 Datasheet HTML 8Page - STMicroelectronics ST6367 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
5/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST6365,67,75,77,85,87 microcontrollers are
members of the 8-bit HCMOS ST638x family, a
series of devices specially oriented to TV applica-
tions. Different ROM size and peripheral configu-
rations are available to give the maximum applica-
tion and cost flexibility. All ST638x members are
based on a building block approach: a common
core is surrounded by a combination of on-chip pe-
ripherals (macrocells) available from a standard li-
brary. These peripherals are designed with the
same Core technology providing full compatibility
and short design time. Many of these macrocells
are specially dedicated to TV applications. The
macrocells of the ST638x family are: two Timer
peripherals each including an 8-bit counter with a
7-bit software programmable prescaler (Timer), a
digital hardware activated watchdog function (DH-
WD), a 14-bit voltage synthesis tuning peripheral,
a Serial Peripheral Interface (SPI), up to six 6-bit
PWM D/A converters, an AFC A/D converter with
0.5V resolution, an on-screen display (OSD) with
15 characters per line and 128 characters (in two
banks each of 64 characters). In addition the fol-
lowing memory resources are available: program
ROM (up to 20K), data RAM (256 bytes), EEP-
ROM (384 bytes). Refer to pin configurations fig-
ures and to ST638x device summary (Table 1) for
the definition of ST638x family members and a
summary of differences among the different types.
Table 1. Device Summary
Device
ROM
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
AFC
VS
D/A
Colour
Pins
EPROM Devices
ST6365
8K
256
384
Yes
Yes
4
3
ST63E85
ST6367
8K
256
384
Yes
Yes
6
3
ST63E87
ST6375
14K
256
384
Yes
Yes
4
3
ST63E85
ST6377
14K
256
384
Yes
Yes
6
3
ST63E87
ST6385
20K
256
384
Yes
Yes
4
3
ST63E85
ST6387
20K
256
384
Yes
Yes
6
3
ST63E87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com