Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSP150 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSP150
Description  Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP150 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSP150 Datasheet HTML 1Page - Wall Industries,Inc. PSSP150 Datasheet HTML 2Page - Wall Industries,Inc. PSSP150 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP150 Series
Single Output
150 Watt with PFC Function
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Output Power
Efficiency
PSSP-150-3.3
3.3 VDC
3.14 ~ 3.63V
3.63 ~ 4.46V
30A
99W
67%
PSSP-150-5
5 VDC
4.75 ~ 5.5V
5.5 ~ 6.75V
30A
150W
75%
PSSP-150-7.5
7.5 VDC
7.13 ~ 8.25V
8.25 ~ 10.13V
20A
150W
79%
PSSP-150-12
12 VDC
11.4 ~ 13.2V
13.2 ~ 16.2V
12.5A
150W
80%
PSSP-150-13.5
13.5 VDC
12.8 ~ 14.9V
14.85 ~ 18.2V
11.2A
151.2W
80%
PSSP-150-15
15 VDC
14.3 ~ 16.5V
16.5 ~ 20.25V
10A
150W
81%
PSSP-150-24
24 VDC
22.8 ~ 26.4V
26.4 ~ 32.4V
6.3A
150W
83%
PSSP-150-27
27VDC
25.7 ~ 29.7V
29.7 ~ 36.45V
5.6A
151.2W
84%
PSSP-150-48
85 ~ 264 VAC
(120 ~ 370 VDC)
48 VDC
45.6 ~ 52.8V
52.8 ~ 64.8V
3.2A
153.6W
84%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF & 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
BLOCK DIAGRAM
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE
PFC fosc: 67KHz
PWM fosc: 134KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com