Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSP320 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSP320
Description  Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP320 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSP320 Datasheet HTML 1Page - Wall Industries,Inc. PSSP320 Datasheet HTML 2Page - Wall Industries,Inc. PSSP320 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP320 Series
Single Output
320 Watt with PFC Function
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Output
Ripple & Noise
Output
Power
Efficiency
PSSP-320-3.3
3.3 VDC
3.14 ~ 3.63V
3.8 ~ 4.5V
55A
150mVp-p
181.5W
74%
PSSP-320-5
5 VDC
4.5 ~ 5.5V
5.75 ~ 6.75V
55A
150mVp-p
275W
79%
PSSP-320-7.5
7.5 VDC
6 ~ 9V
9.4 ~ 10.9V
40A
150mVp-p
300W
83%
PSSP-320-12
12 VDC
10 ~ 13.2V
13.8 ~ 16.2V
25A
150mVp-p
300W
86%
PSSP-320-13.5
13.5 VDC
12 ~ 15V
15.5 ~ 18.2V
22A
150mVp-p
297W
86%
PSSP-320-15
15 VDC
13.5 ~ 18V
18 ~ 21V
20A
150mVp-p
300W
86%
PSSP-320-24
24 VDC
20 ~ 26.4V
27.6 ~ 32.4V
13A
150mVp-p
312W
87%
PSSP-320-27
27 VDC
26 ~ 31.5V
33.7 ~ 39.2V
11.7A
200mVp-p
315.9W
88%
PSSP-320-36
36 VDC
32.4 ~ 39.6V
45 ~ 52.5V
8.8A
220mVp-p
316.8
87%
PSSP-320-48
88 ~ 264 VAC
(124 ~ 370 VDC)
48 VDC
41 ~ 56V
57.6 ~ 67.2V
6.7A
240mVp-p
321.6W
89%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF & 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS
fosc: 100KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com