Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC25 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC25
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC25 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC25 Datasheet HTML 1Page - Ecliptek Corporation EC25 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC25
CERAMIC
5.0V
OS29
01/06
EC25 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 5.0V supply voltage
• HCMOS/TTL output
• Stability to 20ppm
• Available on tape and reel
OSCILLATOR
EC25
ELECTRICAL SPECIFICATIONS
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current (No Load)
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Current (I
OH)
Output Voltage Logic Low (V
OL)
Output Current (I
OL)
Rise / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Start Up Time
RMS Phase Jitter
1.544MHz to 106.250MHz
-10°C to 70°C or
-40°C to 85°C
-55°C to 125°C
5.0V
DC ±10%
10mA Maximum
30mA Maximum
50mA Maximum
60mA Maximum
±100ppm, ±50ppm, ±25ppm or
±20ppm Maximum
2.4V
DC Minimum
V
DD -0.5VDC Minimum
-4mA <35.000MHz, -16mA >35.000MHz
-16mA <70.000MHz
0.4V
DC Maximum
0.5V
DC Maximum
+4mA <35.000MHz, +16mA >35.000MHz
+16mA <70.000MHz
50 ±10(%) (Standard)
50 ±10(%) (Standard)
50 ±5(%) (Optional)
50 ±5(%) (Optional)
-10°C to +70°C Only
10LSTTL Load or 30pF HCMOS Load
10LSTTL Load or 15pF HCMOS Load
10TTL Load or 50pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
10mSeconds Maximum
1pSeconds Maximum
1.544MHz to 32.000MHz
32.001MHz to 50.000MHz
50.001MHz to 70.000MHz
70.001MHz to 106.250MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
w/TTL Load
w/HCMOS Load
Load Drive Option "Blank"
Load Drive Option "Y"
w/TTL Load
w/HCMOS Load
Load Drive Option "Blank"
Load Drive Option "Y"
<70.000MHz
>70.000MHz
<70.000MHz (Option “Y”)
No Connection
V
IH:
≥2.0V
DC
V
IL:
≤0.8V
DC
12KHz to 20MHz offset frequency
10% to 90% of Waveform w/30pF HCMOS Load; 0.4V
DC to 2.4VDC w/10LSTTL Load
10nSec Max. <70.000MHz
10% to 90% of Waveform w/15pF HCMOS Load; 0.4V
DC to 2.4VDC w/10LSTTL Load
5nSec Max. >70.000MHz
10% to 90% of Waveform w/50pF HCMOS Load; 0.4V
DC to 2.4VDC w/10TTL Load
5nSec Max. <70.000MHz
at 50% of Waveform w/HCMOS Load or 1.4V
DC w/TTL Load <70.000MHz
at 50% of Waveform w/TTL Load or w/HCMOS Load >70.000MHz
at 50% of Waveform w/TTL Load or w/HCMOS Load <80.000MHz
at 50% of Waveform w/HCMOS Load (80.001MHz to 100.000MHz)
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H 1.6
L 7.0
W 5.0


Similar Part No. - EC25

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC25-A QUECTEL-EC25-A Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC25-AU QUECTEL-EC25-AU Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC25-AUT QUECTEL-EC25-AUT Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC25-AUTL QUECTEL-EC25-AUTL Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
More results

Similar Description - EC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com