Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC16 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC16
Description  OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC16 Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC16 Datasheet HTML 1Page - Ecliptek Corporation EC16 Datasheet HTML 2Page - Ecliptek Corporation EC16 Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC16
14 pin DIP
5.0V
OS34
08/06
EC16 Series
• RoHS Compliant (Pb-free)
• HCMOS/TTL output
• 5.0V supply voltage
• 14 pin DIP package
• Stability to ±5ppm
• Custom lead length,
gull wing options available
ELECTRICAL SPECIFICATIONS
EC16
OSCILLATOR
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
1.000MHz to 20.000MHz
20.001MHz to 46.000MHz
vs. Operating Temperature Range
vs. Input Voltage ( V
DD ±5%)
vs. Load (±2pF ±1TTL)
w/TTL Load
w/HCMOS Load
w/TTL Load
w/HCMOS Load
at 50% of Waveform w/HCMOS Load or
at 1.4V
DC w/TTL Load
at 1.4V
DC w/HCMOS Load or w/TTL Load
10% to 90% of Waveform w/HCMOS Load
or 0.4V
DC to 2.4VDC w/TTL Load
V
IH: No Connection
V
IH:
≥2.2V
DC
V
IL:
≤0.8V
DC
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Internal Trim (Top of Can)
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
1.000MHz to 46.000MHz
Per Table 1
-55°C to 125°C
5.0V
DC ±10%
15mA Maximum
40mA Maximum
Per Table 1
±2.0ppm Maximum
±1.0ppm Maximum
±5ppm Minimum
2.4V
DC Minimum
I
OH = -16mA
V
DD-0.5VDC Minimum
I
OH = -16mA
0.4 V
DC Maximum
I
OL = +16mA
0.5V
DC Maximum
I
OL = +16mA
6 nSeconds Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
10TTL Load or 50pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±1ppm / year Maximum
10 mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
H
8.0
L 20.8
W 13.2
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com