Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC15 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC15
Description  OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC15 Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC15 Datasheet HTML 1Page - Ecliptek Corporation EC15 Datasheet HTML 2Page - Ecliptek Corporation EC15 Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC15
PLASTIC
3.3V
OS35
08/06
EC15 Series
• Plastic surface mount package
• 3.3V supply voltage
• HCMOS output
• Stability to ±50ppm
• Available on tape and reel
OSCILLATOR
EC15
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_______________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range (MHz)
1.000MHz to 66.667MHz
Operating Temperature Range
0°C to 70°C or -40°C to 85°C (
≤30.000MHz)
Storage Temperature Range
-55°C to 125°C
Supply Voltage (V
DD)
3.3V
DC 10%
Aging (at 25°C)
±5ppm / year Maximum
Input Current
≤30.000MHz
10mA Maximum (Unloaded)
30.001MHz to 50.000MHz
25mA Maximum (Unloaded)
>50.000MHz
35mA Maximum (Unloaded)
Frequency Tolerance / Stability*
Inclusive of Operating Temperature Range,
±100ppm Maximum or ±50ppm Maximum
Supply Voltage, and Load
(0°C to 70°C Only)
Output Voltage Logic High (V
OH)
V
DD-0.4VDC Minimum
I
OH = -8mA
Output Voltage Logic Low (V
OL)
0.4 V
DC Maximum
I
OL = +8mA
Rise Time / Fall Time
10% to 90% of Waveform
5 nSec Maximum
Duty Cycle
at 50% of Waveform
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
Load Drive Capability
15pF HCMOS Load Maximum
Tri-State Input Voltage
No Connection
Enables Output
V
IH :
≥2.0V
DC
Enables Output
V
IL :
≤0.8V
DC
Disables Output: High Impedance
Start Up Time
1.000MHz to 26.000MHz
4 mSeconds Maximum
26.001MHz to 66.667MHz
10 mSeconds Maximum
Period Jitter: Absolute
±100pSeconds Maximum
Period Jitter: One Sigma
±25pSeconds Maximum
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
4.7
L 14.0
W
9.8
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com