Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PST60
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PST60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PST60 Datasheet HTML 1Page - Wall Industries,Inc. PST60 Datasheet HTML 2Page - Wall Industries,Inc. PST60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PS SERIES TRIPLE
40 and 60 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
PS SERIES - TRIPLE OUTPUT SUPPLIES
Switching Power Supply
FEATURES
• Low Cost, High Reliability
• 105°C Output Capacitor
• International AC Input Range
• Built In EMI Filter, Low Ripple Noise
• High Efficiency, Low Working Temperature
• Soft-Start Circuit, Limiting AC Surge Current
• Short Circuit, Overload, Over Voltage Protected
• Compact Size, Light Weight
• 100% Full Load Burn-In Test
• CSA950, UL1950, IEC950 and EN60950 Approved
• CISPR22 (EN55022), IEC801-2, 3, 4, IEC555-2
Verification
THE PS SERIES FROM WALL INDUSTRIES
The PS Series of cased switching power supplies offers uni-
versal input, small size and a high reliability mature product.
SPECIFICATIONS: PS SERIES
All specifications apply @ +25°C ambient unless otherwise noted.
INPUT SPECIFICATIONS
GENERAL SPECIFICATIONS
Input Voltage.......................................85-264VAC Full Range
Efficiency........................................................See Table
Input Frequency.........................................................47-63Hz
Isolation Voltage (input to output) 1 min....................3KV
...........................(input to ground) 1 min..............1.5KV
OUTPUT SPECIFICATIONS
...........................(output to ground) 1 min............0.5KV
Output Current.........................................................See Table
Hold-Up Time..............................10mS-16mS/115VAC
Output Voltage Tolerance.............±2% Primary, ±6-8% Auxiliary
...................................................60mS-80mS/230VAC
Line Regulation(LL-HL).......................................±0.5% Primary
................................................................±0.5%-±1% Auxiliary
ENVIRONMENTAL SPECIFICATIONS
Load Regulation..................±0.5% Primary, ±1%-±6% Auxiliary
Operating Temperature.............................-10°C-+60°C
Overload Protection.........105%-150%/115VAC.........Foldback
Storage Temperature................................-20°C-+85°C
Over Voltage Protection.............................5-75-6.75V Primary
Humidity (working temp.)...........................20%-90%RH
Ripple & Noise..........................................100mV p-p Primary
..............(storage temp.)..........................10%-95%RH
..................................................100mV - 120mV p-p Auxiliary
Temperature Coefficient................±0.03%/°C (0-50°C) Primary
PHYSICAL SPECIFICATIONS
Dimensions................................................See Drawing
Construction...........................................Enclosed case
Due to advances in technology, specifications subject to change without notice.
8/5/01


Similar Part No. - PST60

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST600C MITSUMI-PST600C Datasheet
118Kb / 5P
System Reset Monolithic IC
PST600D MITSUMI-PST600D Datasheet
118Kb / 5P
System Reset Monolithic IC
PST600E MITSUMI-PST600E Datasheet
118Kb / 5P
System Reset Monolithic IC
PST600F MITSUMI-PST600F Datasheet
118Kb / 5P
System Reset Monolithic IC
More results

Similar Description - PST60

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com