Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005M Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 2W005M
Description  2.0A Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2W005M Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  2W005M Datasheet HTML 1Page - TAITRON Components Incorporated 2W005M Datasheet HTML 2Page - TAITRON Components Incorporated 2W005M Datasheet HTML 3Page - TAITRON Components Incorporated 2W005M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-05-22
www.taitroncomponents.com
Page 2 of 4
2.0A Bridge Rectifiers
2W005M – 2W10M
Fig.1- Derating Curve Output Rectified Current
Ambient Temperature (°C)
Symbols
Parameter
2W
005M
2W
01M
2W
02M
2W
04M
2W
06M
2W
08M
2W
10M
Unit
Conditions
CJ
Typical Junction Capacitance
15
pF
VR=4V, f=1MHz
RθJA
Typical Thermal Resistance
per leg
40
˚C/W
Note 1
TJ
Operating Temperature Range
-55 to +125
V
TSTG
Storage Temperature Range
-55 to +150
˚C
Note: 1. Unit mounted on P.C. board with 0.22 x 0.22" (5.5 x 5.5mm) copper pads, .375" (9.5mm)
lead length.
2. Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Rating and characteristic curves
Fig.2-Max Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com