Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR351 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # AR351
Description  35A Automotive Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

AR351 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  AR351 Datasheet HTML 1Page - TAITRON Components Incorporated AR351 Datasheet HTML 2Page - TAITRON Components Incorporated AR351 Datasheet HTML 3Page - TAITRON Components Incorporated AR351 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35A Automotive Rectifiers
Rev. A/AH 2008-02-16
AR3505 – AR358
www.taitroncomponents.com
Page 2 of 4
Fig.1-Typical Forward Current Derating Curve
Case Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Symbol
Description
AR
3505
AR
351
AR
352
AR
354
AR
356
AR
358
Unit
Conditions
RthJC
Typical Thermal
Resistance
1.0
°C / W
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-65 to +175
° C
Polarity and Voltage
Demotion Color Band
Red
Yellow
Silver
Orange
Green
Blue
Note: (1) Enough heatsink must be considered in application.
(2) Single phase, half wave, 60Hz, resistive or inductive load.
(3) For capacitive load derate current by 20%.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com