Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS501 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ARS501
Description  50A Automotive Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ARS501 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ARS501 Datasheet HTML 1Page - TAITRON Components Incorporated ARS501 Datasheet HTML 2Page - TAITRON Components Incorporated ARS501 Datasheet HTML 3Page - TAITRON Components Incorporated ARS501 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-02-16
ARS501 – ARS506
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
50A Automotive Rectifiers
50A Automotive Rectifiers
Features
• Low leakage
• Low forward voltage drop
• High current capability
• High forward surge current capacity
• RoHS Compliance
Mechanical Data
Case:
ARS, molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated slug, solderable per MIL-STD-202, Method 208C
Polarity:
Color ring denotes cathode end
Weight:
0.064 ounces, 1.82 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
ARS501
ARS502
ARS503
ARS504
ARS506
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
100
200
300
400
600
V
VRMS
Maximum RMS Voltage
70
140
210
280
420
V
VDC
Maximum DC Blocking
Voltage
100
200
300
400
600
V
IF(AV)
Maximum Average
Forward Rectified
Current
50
A
TC=110° C
IFSM
Peak Forward Surge
Current
600
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Forward Voltage
1.08
V
IF=80A
5.0
TA=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
400
µA
TA=100° C
ARS


Similar Part No. - ARS501

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ARS5010 YANGJIE-ARS5010 Datasheet
749Kb / 2P
50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nantong Hornby Electron...
ARS5010 HORNBY-ARS5010 Datasheet
229Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - ARS501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
50A AUTOMOTIVE BUTTON DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
ARS50A WTE-ARS50A_06 Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
TAITRON Components Inco...
AR501 TAITRON-AR501 Datasheet
132Kb / 4P
50A Automotive Rectifiers
TB5005 TAITRON-TB5005 Datasheet
210Kb / 4P
50A Bridge Rectifiers
logo
Microsemi Corporation
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com