Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS502 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # ARS502
Description  50A Automotive Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ARS502 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  ARS502 Datasheet HTML 1Page - TAITRON Components Incorporated ARS502 Datasheet HTML 2Page - TAITRON Components Incorporated ARS502 Datasheet HTML 3Page - TAITRON Components Incorporated ARS502 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50A Automotive Rectifiers
Rev. A/AH 2008-02-16
ARS501 – ARS506
www.taitroncomponents.com
Page 2 of 4
Fig.1-Typical Forward Current Derating Curve
Case Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Symbol
Description
ARS501
ARS502
ARS503
ARS504
ARS506
Unit
Conditions
RthJC
Typical Thermal
Resistance
0.8
°C / W
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-65 to +175
° C
Note: (1) Enough heatsink must be considered in application.
(2) Single phase, half wave, 60Hz, resistive or inductive load.
(3) For capacitive load derate current by 20%.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com