Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS252 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ARS252
Description  25A Automotive Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ARS252 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ARS252 Datasheet HTML 1Page - TAITRON Components Incorporated ARS252 Datasheet HTML 2Page - TAITRON Components Incorporated ARS252 Datasheet HTML 3Page - TAITRON Components Incorporated ARS252 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-02-16
ARS2505 – ARS258
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
25A Automotive Rectifiers
25A Automotive Rectifiers
Features
• Low leakage
• Low forward voltage drop
• High current capability
• High forward surge current capacity
• RoHS Compliance
Mechanical Data
Case:
ARS, molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated slug, solderable per MIL-STD-202, Method 208C
Polarity:
Color ring denotes cathode end
Weight:
0.064 ounces, 1.82 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
ARS
2505
ARS
251
ARS
252
ARS
254
ARS
256
ARS
258
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
25
A
TC=110° C
IFSM
Peak Forward Surge
Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Forward Voltage
1.05
V
IF=25A
5.0
TA=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
250
µA
TA=100° C
ARS


Similar Part No. - ARS252

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ARS252 BILIN-ARS252 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
ARS252 MIC-ARS252 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
ARS252 CHENYI-ARS252 Datasheet
151Kb / 2P
BUTTON DIODES
logo
Kwang Myoung I.S. CO.,L...
ARS252 KISEMICONDUCTOR-ARS252 Datasheet
189Kb / 2P
BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS
logo
Shanghai Shunye Electro...
ARS252 SHUNYE-ARS252 Datasheet
439Kb / 2P
AUTOMOTIVE RECTIFIERS
More results

Similar Description - ARS252

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25A WTE-AR25A Datasheet
51Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A Datasheet
23Kb / 2P
25A AUTOMOTIVE RECTIFIER CELL
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
logo
Won-Top Electronics
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A_06 Datasheet
29Kb / 2P
25A AUTOMOTIVE CELL DIODE
logo
TAITRON Components Inco...
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
25A Automotive Rectifiers
logo
Silicon Standard Corp.
MBR2535CT SSC-MBR2535CT Datasheet
575Kb / 3P
25A Dual Schottky Rectifiers
logo
Frontier Electronics.
BJ25-005 FRONTIER-BJ25-005 Datasheet
123Kb / 2P
25A BRIDGE RECTIFIERS
logo
Won-Top Electronics
C25A WTE-C25A_14 Datasheet
31Kb / 2P
25A AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS25G DGNJDZ-ARS25G Datasheet
5Mb / 3P
25A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com