Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6262BN1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST6262BN1
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6262BN1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST6262BN1 Datasheet HTML 68Page - STMicroelectronics ST6262BN1 Datasheet HTML 69Page - STMicroelectronics ST6262BN1 Datasheet HTML 70Page - STMicroelectronics ST6262BN1 Datasheet HTML 71Page - STMicroelectronics ST6262BN1 Datasheet HTML 72Page - STMicroelectronics ST6262BN1 Datasheet HTML 73Page - STMicroelectronics ST6262BN1 Datasheet HTML 74Page - STMicroelectronics ST6262BN1 Datasheet HTML 75Page - STMicroelectronics ST6262BN1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
72/78
ST62P52C ST62P62C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62P52C and ST62P62C are the Factory
Advanced Service Technique ROM (FASTROM)
version of ST62T52C and ST62T62C OTP devic-
es.
They offer the same functionality as OTP devices,
selecting as FASTROM options the options de-
fined in the programmable option byte of the OTP
version.
1.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
1.2.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected FASTROM options.
The ROM contents are to be sent on diskette, or
by electronic means, with the hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly filled OPTION
LIST appended.
1.2.2 Listing Generation and Verification
When STMicroelectronics receives the user’s
ROM contents, a computer listing is generated
from it. This listing refers exactly to the ROM con-
tents and options which will be used to produce
the specified MCU. The listing is then returned to
the customer who must thoroughly check, com-
plete, sign and return it to STMicroelectronics. The
signed listing forms a part of the contractual agree-
ment for the production of the specific customer
MCU.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 1. ROM Memory Map for ST62P52C/P62C
Table 2. FASTROM version Ordering Information
(*)
Advanced information
Device Address
Descriptio n
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Sales Type
ROM
EEPROM (Bytes)
Temperature Range
Package
ST62P52CM1/XXX
ST62P52CM6/XXX
ST62P52CM3/XXX (*)
1836 Bytes
None
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PSO16
ST62P62CM1/XXX
ST62P62CM6/XXX
ST62P62CM3/XXX (*)
1836 Bytes
64
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
ST62P52CB1/XXX
ST62P52CB6/XXX
ST62P52CB3/XXX (*)
1836 Bytes
None
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
PDIP16
ST62P62CB1/XXX
ST62P62CB6/XXX
ST62P62CB3/XXX (*)
1836 Bytes
64
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
ST62P52CN1/XXX
ST62P52CN6/XXX
ST62P52CN3/XXX (*)
1836 Bytes
None
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
SSOP16
ST62P62CN1/XXX
ST62P62CN6/XXX
ST62P62CN3/XXX (*)
1836 Bytes
64
0to +70
°C
-40 to + 85
°C
-40 to + 125
°C
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com