Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS352 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ARS352
Description  35A Automotive Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ARS352 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ARS352 Datasheet HTML 1Page - TAITRON Components Incorporated ARS352 Datasheet HTML 2Page - TAITRON Components Incorporated ARS352 Datasheet HTML 3Page - TAITRON Components Incorporated ARS352 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-02-16
ARS3505 – ARS358
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
35A Automotive Rectifiers
35A Automotive Rectifiers
Features
• Low leakage
• Low forward voltage drop
• High current capability
• High forward surge current capacity
• RoHS Compliance
Mechanical Data
Case:
ARS, molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated slug, solderable per MIL-STD-202, Method 208C
Polarity:
Color ring denotes cathode end
Weight:
0.064 ounces, 1.82 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
ARS
3505
ARS
351
ARS
352
ARS
354
ARS
356
ARS
358
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
35
A
TC=110° C
IFSM
Peak Forward Surge
Current
500
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Forward Voltage
1.05
V
IF=35A
5.0
TA=25° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
250
µA
TA=100° C
ARS


Similar Part No. - ARS352

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ARS352 MIC-ARS352 Datasheet
38Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
ARS352 CHENYI-ARS352 Datasheet
154Kb / 2P
BUTTON DIODES
logo
Shanghai Shunye Electro...
ARS352 SHUNYE-ARS352 Datasheet
282Kb / 2P
AUTOMOTIVE RECTIFIERS
ARS352 SHUNYE-ARS352 Datasheet
282Kb / 2P
AUTOMOTIVE RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 35.0 Ampere
More results

Similar Description - ARS352

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A Datasheet
52Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A Datasheet
23Kb / 2P
35A AUTOMOTIVE RECTIFIER CELL
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
logo
TAITRON Components Inco...
AR3505 TAITRON-AR3505 Datasheet
134Kb / 4P
35A Automotive Rectifiers
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
logo
Won-Top Electronics
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
ARS35 DGNJDZ-ARS35 Datasheet
55Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
logo
Leshan Radio Company
35A LRC-35A Datasheet
72Kb / 2P
35A BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com