Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847C Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # BC847C
Description  SMD General Purpose Transistor (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BC847C Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  BC847C Datasheet HTML 1Page - TAITRON Components Incorporated BC847C Datasheet HTML 2Page - TAITRON Components Incorporated BC847C Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A/AH 2008-05-29
BC846/BC847/BC848
SMD General Purpose Transistor (NPN)
www.taitroncomponents.com
Page 2 of 3
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
ICBO
Collector-Emitter Cut-off Current
-
-
15
nA
VCB=30V, IE=0
BC846/7/8, Suffix ‘A’
-
90
-
BC846/7/8, Suffix ‘B’
-
150
-
BC847/8, Suffix ‘C’
-
270
-
VCE=5V, IC=10µA
BC846/7/8, Suffix ‘A’
110
180
220
BC846/7/8, Suffix ‘B’
200
290
450
hFE
D.C. Current Gain
BC847/8, Suffix ‘C’
420
520
800
VCE=5V, IC=2mA
-
0.09
0.25
IC=10mA, IB=0.5mA
VCE(sat)
Collector-Emitter Saturation Voltage
-
0.2
0.6
V
IC=100mA, IB=5mA
-
0.7
-
IC=10mA, IB=0.5mA
VBE(sat)
Base-Emitter Saturation Voltage
-
0.9
-
V
IC=100mA, IB=5mA
0.58
0.66
0.7
VCE=5V, IC=2mA
VBE(on)
Base-Emitter On Voltage
-
-
0.75
V
VCE=5V, IC=10mA
fT
Current Gain-Bandwidth Product
-
300
-
MHz
VCE=5V, IC=10mA,
f=100MHz
Cob
Collector Output Capacitance
-
2.5
4.5
pF
VCB=10V, IE=0,
f=1MHz
NF
Noise Figure
-
1.0
10
dB
VCE=5V, IC=0.2mA,
RG=2KΩ, f=1KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com