Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # DF005M
Description  1.0A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

DF005M Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  DF005M Datasheet HTML 1Page - TAITRON Components Incorporated DF005M Datasheet HTML 2Page - TAITRON Components Incorporated DF005M Datasheet HTML 3Page - TAITRON Components Incorporated DF005M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Glass Passivated Bridge Rectifier
Rev. A/AH 2008-02-18
DF005M – DF10M
www.taitroncomponents.com
Page 2 of 4
Fig.1- Derating Curve Output Rectified Current
Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak Forward Surge
Current per leg
Number of Cycle at 60Hz
Symbol
Description
DF
005M
DF
01M
DF
02M
DF
04M
DF
06M
DF
08M
DF
10M
Unit
Conditions
VF
Max. Instantaneous
Forward Voltage Drop per
leg
1.1
V
IF=1.0A
5.0
TA=25° C
IR
Max. DC Reverse Current
at Rated DC Blocking
Voltage per leg
500
µA
TA=125° C
CJ
Typical Junction
Capacitance per leg
25
pF
VR= 4V
f=1MHz
RthJA
40
RthJL
Typical Thermal
Resistance per leg
15
°C / W
Note
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C
Note: Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with
0.5x0.5’’ (13x13mm) copper pads.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com