Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # DF06S
Description  1.0A Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

DF06S Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  DF06S Datasheet HTML 1Page - TAITRON Components Incorporated DF06S Datasheet HTML 2Page - TAITRON Components Incorporated DF06S Datasheet HTML 3Page - TAITRON Components Incorporated DF06S Datasheet HTML 4Page - TAITRON Components Incorporated DF06S Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.0A Surface Mount Bridge Rectifier
Rev. B/AH 2008-02-23
DF005S – DF12S
www.taitroncomponents.com
Page 2 of 5
Fig.1- Derating Curve Output
Rectified Current
Ambient Temperature (°C)
Symbol
Description
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
DF
12S
Unit
Conditions
VF
Maximum
Instantaneous Forward
Voltage Drop per leg
1.1
V
IF=1.0A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per
leg
500
µA
TA=125°C
CJ
Typical Junction
Capacitance per leg
25
pF
VR=4V, f=1MHz
RθJA
40
RθJL
Typical Thermal
Resistance per leg
15
˚C/W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
˚C
Note: 1.Units mounted on P.C.B. with 0.51 x 0.51” (13 x 13mm) copper pads.
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com