Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # ES2B
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ES2B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  ES2B Datasheet HTML 1Page - TAITRON Components Incorporated ES2B Datasheet HTML 2Page - TAITRON Components Incorporated ES2B Datasheet HTML 3Page - TAITRON Components Incorporated ES2B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Surface Mount Super Fast Rectifier
Rev. A/WW 2006-10-10
DS2A ~DS2K
www.taitroncomponents.com
Page 2 of 4
Number of Cycles at 60Hz
Fig.2- Max. Non-Repetitive Forward Surge Current
Ambient Temperature (° C)
Fig.1- Forward Current Derating Curve
Electrical Characteristics (T Ambient=25ºC unless noted)
Note:
Single phase half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
ES2A
ES2B
ES2D
ES2F
ES2G
ES2J
ES2K
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
1.7
2.2
V
IF at 1.0 A
5
TA = 25 °C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA = 125 °C
trr
Typical Reverse
Recovery Time
35
nS
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
CJ
Typical Junction
Capacitance
25
pf
Measured at 1.0 MHZ
and Applied
Vr = 4.0
volts.
Rθ-JA
Maximum Thermal
Resistance
20
° C/W
Mounted on 0.2" x
0.2" (5mmx5mm)
copper pad area
ES2J-- ES2K
ES2A-- ES2G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com