Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321J Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST72321J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST72321J Datasheet HTML 25Page - STMicroelectronics ST72321J Datasheet HTML 26Page - STMicroelectronics ST72321J Datasheet HTML 27Page - STMicroelectronics ST72321J Datasheet HTML 28Page - STMicroelectronics ST72321J Datasheet HTML 29Page - STMicroelectronics ST72321J Datasheet HTML 30Page - STMicroelectronics ST72321J Datasheet HTML 31Page - STMicroelectronics ST72321J Datasheet HTML 32Page - STMicroelectronics ST72321J Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 179 page
background image
ST72321J
29/179
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.4.5 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS REGISTER (SICSR)
Read /Write
Reset Value: 000x 000x (00h)
Bit 7 = Reserved, must be kept cleared.
Bit 6 = AVDIE
Voltage Detector interrupt enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag
changes (toggles). The pending interrupt informa-
tion is automatically cleared when software enters
the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Bit 5 = AVDF
Voltage Detector flag
This read-only bit is set and cleared by hardware.
If the AVDIE bit is set, an interrupt request is gen-
erated when the AVDF bit changes value. Refer to
Figure 14 and to Section 6.4.2.1 for additional de-
tails.
0: VDD over VIT+(AVD) threshold
1: VDD under VIT-(AVD) threshold
Bit 4 = LVDRF
LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared by software (writing zero). See
WDGRF flag description for more details. When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Bit 3 = Reserved, must be kept cleared.
Bit 2 = CSSIE
Clock security syst
.
interrupt enable
This bit enables the interrupt when a disturbance
is detected by the Clock Security System (CSSD
bit set). It is set and cleared by software.
0: Clock security system interrupt disabled
1: Clock security system interrupt enabled
When the CSS is disabled by OPTION BYTE, the
CSSIE bit has no effect.
Bit 1 = CSSD
Clock security system detection
This bit indicates that the safe oscillator of the
Clock Security System block has been selected by
hardware due to a disturbance on the main clock
signal (fOSC). It is set by hardware and cleared by
reading the SICSR register when the original oscil-
lator recovers.
0: Safe oscillator is not active
1: Safe oscillator has been activated
When the CSS is disabled by OPTION BYTE, the
CSSD bit value is forced to 0.
Bit 0 = WDGRF
Watchdog reset flag
This bit indicates that the last Reset was generat-
ed by the Watchdog peripheral. It is set by hard-
ware (watchdog reset) and cleared by software
(writing zero) or an LVD Reset (to ensure a stable
cleared state of the WDGRF flag when CPU
starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
CAUTION: When the LVD is not activated with the
associated option byte, the WDGRF flag can not
be used in the application.
70
0
AVD
IE
AVD
F
LVD
RF
0
CSS
IE
CSS
D
WDG
RF
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com