Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF3JB Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # GF3JB
Description  3.0A Surface Mount Sintered Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GF3JB Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  GF3JB Datasheet HTML 1Page - TAITRON Components Incorporated GF3JB Datasheet HTML 2Page - TAITRON Components Incorporated GF3JB Datasheet HTML 3Page - TAITRON Components Incorporated GF3JB Datasheet HTML 4Page - TAITRON Components Incorporated GF3JB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount Sintered Glass Passivated Rectifier
GF3AB - GF3MB
Rev. B/AH 2008-05-26
www.taitroncomponents.com
Page 2 of 5
Fig.2-Max. Non-Repetitive Forward Surge Current
Fig.1- Forward Current Derating Curve
Ambient Temperature (° C)
Fig.4- Typical Reverse Characteristics
Typical Characteristics Curves
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Percentage of Peak Reverse Voltage (%)
Number of Cycles at 60Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com