Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP60AL Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # GP60AL
Description  6.0A Sintered Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GP60AL Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  GP60AL Datasheet HTML 1Page - TAITRON Components Incorporated GP60AL Datasheet HTML 2Page - TAITRON Components Incorporated GP60AL Datasheet HTML 3Page - TAITRON Components Incorporated GP60AL Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
GP60AL –GP60ML
6.0A Sintered Glass
Passivated Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
6.0A Sintered Glass Passivated Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Capable of meeting environmental standards of MIL-S-19500
• 6.0A operation at TA=55° C with no thermal runaway
• High temperature soldering guaranteed: 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC P-600 (T6L) molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.07 ounces, 2.1 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
GP60
AL
GP60
BL
GP60
DL
GP60
GL
GP60
JL
GP60
KL
GP60
ML
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
6.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
250
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
P-600
(T6L)


Similar Part No. - GP60AL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - GP60AL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
Glass Passivated Sintered Rectifier
logo
Diodes Incorporated
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
TAITRON Components Inco...
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
T6A05G TAITRON-T6A05G Datasheet
235Kb / 5P
6.0A Glass Passivated Rectifier
logo
Zowie Technology Corpor...
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
P600AG ZSELEC-P600AG Datasheet
52Kb / 2P
6.0A GLASS PASSIVATED RECTIFIER
logo
Zowie Technology Corpor...
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
PG600A ZSELEC-PG600A Datasheet
89Kb / 2P
6.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com