Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72511R7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72511R7
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72511R7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72511R7 Datasheet HTML 2Page - STMicroelectronics ST72511R7 Datasheet HTML 3Page - STMicroelectronics ST72511R7 Datasheet HTML 4Page - STMicroelectronics ST72511R7 Datasheet HTML 5Page - STMicroelectronics ST72511R7 Datasheet HTML 6Page - STMicroelectronics ST72511R7 Datasheet HTML 7Page - STMicroelectronics ST72511R7 Datasheet HTML 8Page - STMicroelectronics ST72511R7 Datasheet HTML 9Page - STMicroelectronics ST72511R7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
6/164
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The
ST72311R,
ST72511R,
ST72512R and
ST72532R devices are members of the ST7 mi-
crocontroller family. They can be grouped as fol-
lows:
– ST725xxR devices are designed for mid-range
applications with a CAN bus interface (Controller
Area Network)
– ST72311R devices target the same range of ap-
plications but without CAN interface.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set.
Under software control, all devices can be placed
in WAIT, SLOW, ACTIVE-HALT or HALT mode,
reducing power consumption when the application
is in idle or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
VPP
CONTROL
PROGRAM
(16K - 60K Bytes)
VSS
RESE T
PORT F
PF7:0
(8-BIT)
TIMER A
BEEP
PORT A
RAM
(1024, 2048 Bytes)
PORT C
8-BIT ADC
VDDA
VSSA
PORT B
PB7:0
(8-BIT)
PWM ART
PORT E
CAN
PE7:0
(8-BIT)
SCI
TIMER B
PA7:0
(8-BIT)
PORT D
PD7:0
(8-BIT)
SPI
PC7:0
(8-BIT)
VDD
EEPROM
(256 Bytes)
WATCHDOG
TLI
OSC
LVD
OSC2
MEMORY
MCC/RTC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com