Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7250
Description  8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7250 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7250 Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 1997
1/1
This is preliminary information on a new product in development orundergoing evaluation. Detailsare subject to change without notice.
ST7250
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM,
ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
BRIEF DATA
s
4.5V to 5.5V Supply Operating Range
s
16 MHz Maximum Oscillator Frequency
s
8 MHz Maximum Internal Clock Frequency
s
Fully Static operation
s
-40
°Cto + 85°C Temperature Range
s
Run, Wait, Slow, Halt and RAM Retention
modes
s
User ROM/OTP: up to 32 Kbytes
s
Data RAM: up to 1 Kbytes, including 256 bytes
stack
s
Data EEPROM: up to 384 bytes
s
64 pin PQFP package
s
48 multifunctional bidirectional I/O lines:
– 15 Programmable Interrupt inputs
– 8 Analog alternate inputs
– 4x15mA outputs
– 25 Alternate functions
– EMI filtering
s
Two 16-bit Timers, each featuring:
– 2 Input Captures
– 2 Output Compares
– External Clock input (on Timer 1)
– PWM and Pulse Generator modes
s
CAN peripheral
s
8-bit Analog-to-Digital Converter
s
Programmable Watchdog for system integrity
s
4x10-bit PWM Pulse Width Modulation outputs
s
Synchronous Serial Peripheral Interface
s
Asynchronous Serial Communications Interface
s
Master Reset and Power-On Reset
s
8-bit Data Manipulation
s
63 basic Instructions and 17 main Addressing
Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete
Development
Support
on DOS/
WINDOWSTM Real-Time Emulator
s
Full Software Package on DOS/WINDOWSTM
(C-Compiler, Cross-Assembler, Debugger)
Device Summary
Features
ST7250A6
ST7250B4
ROM bytes
32 Kbytes
20 Kbytes
RAM bytes
1 Kbytes
512 bytes
EEPROM
384 bytes
256 bytes
Timers
2
2
PWM
1
1
WDG
1 (Hardware)
1 (Hardware)
SCIP
1
1
SPI
1
1
CAN
1
1
ADC
1
1
Package
PQFP64
PQFP64
PQFP64
1
Rev. 1.2


Similar Part No. - ST7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72511R STMICROELECTRONICS-ST72511R Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72511R6 STMICROELECTRONICS-ST72511R6 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72511R6T1 STMICROELECTRONICS-ST72511R6T1 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72511R6T1S STMICROELECTRONICS-ST72511R6T1S Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72511R6T3 STMICROELECTRONICS-ST72511R6T3 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
More results

Similar Description - ST7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I²C, CAN INTERFACES
June 2003 Rev. 2.7
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com