Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LL4448
Description  Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LL4448 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LL4448 Datasheet HTML 1Page - TAITRON Components Incorporated LL4448 Datasheet HTML 2Page - TAITRON Components Incorporated LL4448 Datasheet HTML 3Page - TAITRON Components Incorporated LL4448 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-15
LL4148 LL4448
SURFACE MOUNT
SWITCHING DIODE
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
Surface Mount Switching Diode
Features
• Fast Switching Speed
• Surface Mount Package Ideally Suited for Automatic Insertion
• General Purpose Rectification
• Silicon Epitaxial Planar Construction
• RoHS compliant
Mechanical Data
Case:
MiniMelf (SOD-80C), Glass Case
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
0.05 grams
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
LL4148
LL4448
Unit
Conditions
VRM
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
IF(AV)
Forward Average Current
150
mA
Valid provided that
electrodes are kept at
ambient temperature
IFSM
Peak Forward Surge Current,
Pulse Width=1.0us
2.0
A
PD
Power Dissipation above 25°C
500
mW
Min
---
0.62 @ 5mA
0.72 @ 5mA
VF
Forward
Voltage
Max
1.0 @ 10mA
1.0 @ 100mA
V
0.025
0.025
VR=20V
IR
Max. Reverse Current
5.0
5.0
µA
VR=75V
CD
Diode Capacitance
4.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
4.0
ns
IF= 10mA,IR=1mA,
VR=6V,RL=100Ω
TJ,TSTG
Operating Junction and
Storage Temperature Range
-65 to +175
° C
MiniMELF
(SOD-80C)


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com