Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE135 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE135
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE135 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE135 Datasheet HTML 1Page - Advanced XTAL Products AXLE135 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE135
ww.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE135
Issue: 01
Date:2008-05-07
Oscillator type : TCXO in Half-size DIL package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
1
50
800
MHz
MHz
(Clipped) Sinewave
HCMOS, PECL, LVDS
Frequency stability
ppm
vs. temperature
± 0.5 ppm to ± 5 ppm
ppm
See tables 1 & 2
vs. supply voltage variation
± 0.1
± 0.3
ppm
vs. load change
± 0.2
ppm
± 10 %
long term (aging) per year
± 1
ppm
@+40°C
Frequency adjustment range
Mechanical (internal trimmer)
± 3
ppm
Option 1 = blank
Electronic Frequency Control (EFC)
± 5
ppm
Option 1 = “V”
EFC voltage VC
0.15
0.5
1.65
2.5
3.15
4.5
V
V
Option 2 = “3”
Option 2 = “5”
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
Sine wave
Clipped Sine wave
HCMOS
PECL
LVDS
Option 3 = “S”
Option 3 = “C”
Option 3 = “H”
Option 3 = “P”
Option 3 = “L”
Load
50
Ω
10 k
Ω || 10 pF
15 pF
50
Ω + bias
Option 3 = “S”
Option 3 = “C”
Option 3 = “H”
Option 3 = “P” or “L”
0.8
1.0
0
+10
dBm
dBm
V p-p
V p-p
Option 3 = “S” / 3.3 V
Option 3 = “S” / 5.0 V
Option 3 = “C” / 3.3 V
Option 3 = “C” / 5.0 V
Amplitude
According to relevant Logic Standard
Option 3 = “H”, “P”,“L”
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 2 = “3”
Option 2 = “5”
Current consumption (Note 3)
12 ~ 20
2 ~ 30
15 ~ 50
25 ~ 100
mA
mA
mA
mA
Option 3 = “S”
Option 3 = “C”
Option 3 = “H”
Option 3 = “P” or “L”
Storage temperature range
-45
+90
°C
Enclosure (see drawing)
12.7 x 12.7 x 5.1 max.
mm
IEC60679-3 CO 21
Marking
AXLE135
Freq
wwAXPyy
Specification
Frequency
ww=week, yy=year
Packing
Tape & reel
IEC 60286-3
Construction
Lead(Pb) -free
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
All combinations of options might not be available. Please consult factory
3.
Depending on frequency and supply voltage


Similar Part No. - AXLE135

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE130 AXTAL-AXLE130 Datasheet
121Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
More results

Similar Description - AXLE135

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com