Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE7050 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE7050
Description  Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE7050 Datasheet HTML 1Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Temperature Compensated Crystal Oscillator
( TCXO / VC-TCXO )
High stability
AXLE7050 , AXLE7050V
■ Features
●
10 to 26 MHz
●
Low power consumption
●
Supply voltage available brtween 2.7 to 5.0V
●
Package : Metal lid + Ceramic base
●
7.0×5.0×1.9mm
■ Electrical Performance
Description
Symbols
AXLE7050
AXLE7050V
Available Frequency Range
F0
10.000 ∼ 26.000 MHz
Frequency Stability vs.Operating
dFt/F
±1.5ppm,±2.0ppm, ±2.5ppm ( -30 to +75゚C )
Temperture
(25゚C ref.)
±2.5ppm, ±3.0ppm ( -40 to +85゚C )
Storage Temperture
Tsto
-40 to +85゚C
Supply Voltage
Vcc
+2.7 to 5.0V
Supply Current
Icc
2.0 mA max
Supply Voltage Change
dFv
±0.2 ppm / Vcc±5%
Output Voltage
Vo
0.8Vp-p ( Clipped sine wave )
Load
Zcr
10 KΩ//10pF
Load Change
dFz
±0.2 ppm ( 10KΩ±10% // 10pF±10% )
Voltage Control
dF/V
-
±8ppm,±10ppm,±15ppm/+1.5±1.0V
Phase Noise
PN
-135dBc / Hz typ.(1.0KHz)
■ Environmental Characteristics
Description
Symbols
Specification
Aging (First Year)
±1.0 ppm max/year
Shock
Test: 3 times free drop onto concrete board from 150cm heigh
Result: ±1.0 ppm max
Vibration
Test: Frequency 5-500Hz, Amplitude 1.5mm, Test time 4cycles/XYZ axis
Result: ±1.0 ppm max
Solderability
Test: More than 95%, at 235±5゚C for 3 sec
Humidity
Test: 90 to 95% relative humidity at +60±3゚C for 1000 hours
Result: ±1.0 ppm max
■ Outline Drawing & Suggested Pad
TERMINAL
CONECTION
TCXO
VCTCXO
#1
GND
Vcont
#2
GND
GND
#3
OUTPUT
OUTPUT
#4
Vcc
Vcc
■ Suggested Pad (Top View)
1.5
5.08
7.0±0.2
MARKING
4
−(1.4)
#1
#3
#4
#2
AXTAL GmbH & Co. KG
Wasemweg 5
D-74821 Mosbach
www.axtal.com
info@axtal.com
fon: +49 6261 939834
fax: +49 6261 939836


Similar Part No. - AXLE7050

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
More results

Similar Description - AXLE7050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
VT-701 VECTRON-VT-701 Datasheet
214Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com